Part Number Hot Search : 
SMBJ16A RM5534A L6011BS DLP11 20SQ045 MCA255X PCE124D1 A5338CA
Product Description
Full Text Search
 

To Download NT310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L U M I N IS
1
Wall mount
Specification
NAUTILUX
NT300 . NT310 . NT315
All exposed cast aluminum components are made of non corrosive pure aluminum copper free (Aluminum is less than .1% copper content.#356 alloy.) Finish: All polyester powder baked coatings preceded with a 5 baths preparation process. Meets military grade MIL-C781706 with a 2000 hours salt spray test. - Pulse rated medium base porcelain socket. - 75W/600V thermoplastic compact fluorescent socket. - One-piece molded silicone gasket with memory retention. - High power factor CWA ballast. Or 98% P.F.electronic smart ballast with end of life detection for compact fluorescent. - All stainless steel hardware. - All Moving and removable parts are sealed with a memory retention silicone gasket. 1- Closed cast aluminum housing. 2- Semi-specular aluminum reflector, with horizontal lamp position to provide uniform light on the diffuser.
2
3
4
3- Borosilicate frosted glass diffuser with internal concentric reinforcement prismatic pattern. 4- Selection of various glass ring and glass shields. NT300: One piece cast aluminum cross cage. NT310: One piece cast aluminum eyelid. NT315: Full glass lens with cast aluminum retainer ring.
Photometry
Depth:7 1/2" less cage
NT310
8" 11"
Cross view
Separate updated technical Plane view specification sheets with related models and light sources with I.E.S formatted photometry are available on 90 www.luminis.com.
60 30
6 1/2"
NT300
Certification
UL. Wet Location.
NT315
Mounting
Max. Max. weight: 15 lbs. Installation: Mounts over a standard 4" octagonal electrical box with 3 1/2" c/c mounting holes.
For options details and specifications, please refer to page 72
Model#
Light source selection
CF (Gx24q) MH (ED17) Single lamp F118 F126 F132 F142 CF (Gx24q) Two lamps F218 F226 F232
Voltage
Finish
Options
NT300 NT310 NT315
M50 M70 M100 HPS (ED17) H50 H70 H100 INC. (A19) A100
120 V Standard factory (Refer to color chart) prewired Accessories Standard selection (If no voltage is specified) PCO: Polycarbonate lens WHT:Snow white diffuser. (Max.50W) For other voltages, please BKT: Jet black specify with catalog number. Electrical BZT: Bronze EM42S: 1 lamp (26/32/42W) H.I.D. GRT: Titanium gray FS: Fuse PH1: 120V photo cell 208 V DGT: Gun metal Note: 50W.HPS PH2: 208/277V photo cell 240 V is available with CHT: Champagne QS: Standby lamp socket. 277 V 120/277V only. QRS: H.I.D. lamp restrike MST: Matte silver 347 V GNT: Forest green Optional colors Note: EM optional battery CS: Custom color test switch and pilot lamp are COMP. FLUO. remotely installed. RAL: RAL# color Smart ballast 120/277 347 V (To specify)
(Lamps by others)
Luminaires may be altered for design improvements or discontinued without prior notice. Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Web: www.luminis.com
Sept. 2006 Rev. Feb.2008
Page 60
L U M IN I S
OPTIONAL ACCESSORIES
NAUTILUX
General notes: Please specify selected option as a suffix to the specified model number. ex:NT100-M100-WHT-PC1 Each model is provided with a listing of compatible options.Some options may not be compatible when used in the same luminaire. This information is indicated when it is applicable.
Square lens Diffuser. Option: PC6
Surface connection box Option: SWK
White translucent round diffuser. Option: PC1
Alternate regressed reflector. Option: R2
High impact acrylic lens diffuser. Max: 50W
1 1/2" deep luminaire matching connection box for surface conduit feed. (2) 7/8" dia. K.O. @ 180 deg.
Polycarbonate lens diffuser Max: 50W
Satin anodized corrugated reflector surface.
Quartz lamp restrike Option: QRS
Quartz restrike standby lamp kit max.100w DC bayonet type
Ceiling surface mounting Option: C
White translucent round diffuser. Option: PC2
White translucent oblong diffuser. Option: PCO
In line fuse Option: FS
3 Amps. in line protection fuse, factory installed with the pole or inside fixture when pole is not required.
Ceiling surface mount conversion kit. Maximum wattage 2x32w compact fluorescent. (factory installed.) High impact acrylic lens diffuser. Max: 50W Polycarbonate lens diffuser Max: 50W
Light photo sensor Option: PH1 -120V
PH2 - 208/277V Photo electric sensor, factory installed with the pole or inside fixture when pole is not required.
Emergency line quartz lamp Option: QS
Quartz lamp socket for separate emergency line. Max.100w DC bayonet type EM42 wiring
HOT
ns W)
Emergency battery back-up EM42 / EM42S
One lamp: 26w: 450 Lmns.. 32w: 575 Lmns. 42w: 750 Lmns. Time: 90 Mnts -120/277V / T 0 C
COM
EM42S wiring
BLK WHT AC ballast
Note: EM42 option is supplied with integral test switch and pilot light. EM42S is supplied with additional wiring for external remotely installed test switch and pilot light. Please refer to luminaire specification sheet option listing.
W) cell cket. ike
EM Ballast wiring diagram for 120V factory connection.
WHT
EM ballast
For 57w & 70w: (Remote installation only) Consult factory
Black/120V (Factory wired) Orange/277V (Cap unused lead.)
Single pole test switch (Breaking the connection)
Luminaires may be altered for design improvements or discontinued without prior notice.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
Web: www.luminis.com
Sept. 2006 Rev. Feb.2008
Page 72


▲Up To Search▲   

 
Price & Availability of NT310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X